PART |
Description |
Maker |
DG308BDY DG308BDQ DG308BDQ-T1 |
Analog Switch Quad SPST 16-Pin SOIC N DG308B, DG309B Improved Quad CMOS Analog Switches ANLG SW QUAD SPST 22V/44V 16TSSOP - Tape and Reel
|
Vishay Siliconix
|
ADG442BRZ ADG441BRZ-REEL ADG441ABN2 ADG442ABN2 ADG |
QUAD 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO16 LC2MOS Quad SPST Switches ADG441/ADG442/ADG444
|
ANALOG DEVICES INC
|
AD7836 AD7836AS AD7836ASZ AD7836-15 |
LC MOS Quad 14-Bit DAC Quad 14-Bit CMOS DAC on One Monolithic Chip PARALLEL, WORD INPUT LOADING, 16 us SETTLING TIME, 14-BIT DAC, PQFP44 LC2MOS Quad 14-Bit DAC
|
AD[Analog Devices]
|
AD7225 AD7225BQ AD7225CQ AD7225KN AD7225KP AD7225K |
LC2MOS Quad 8-Bit DAC with Separate Reference Inputs
|
AD[Analog Devices]
|
ADG221BCHIPS |
LC2MOS ±15 V Quad SPST Switch; Package: CHIPS OR DIE; No of Pins: 16; Temperature Range: Industrial QUAD 1-CHANNEL, SGL POLE SGL THROW SWITCH, UUC16
|
Analog Devices, Inc.
|
AD7847 AD7847AN AD7847AQ AD7847AR AD7847BN AD7847B |
LC2MOS Complete, Dual 12-Bit MDACs DUAL, PARALLEL, WORD INPUT LOADING, 3 us SETTLING TIME, 12-BIT DAC, CDIP24 LC2MOS Complete/ Dual 12-Bit MDACs LC2MOS Complete, Dual 12-Bit MDAC, Parallel Loading Structure LC2MOS Complete, Dual 12-Bit MDAC, (8 4) Loading Structure LC2MOS Complete, Dual 12-Bit MDAC, (8 4) Loading Structure
|
Analog Devices, Inc.
|
5962-89629013X 5962-8962902LX AD7569ACHIPS AD7569T |
LC2MOS Complete, 8-Bit Analog I/0 Systems LC2MOS Complete, 8-Bit Analog I/0 Systems SPECIALTY ANALOG CIRCUIT, PQCC28 LC2MOS Complete/ 8-Bit Analog I/0 Systems CMOS, Complete 8-Bit Analog I/0 Port with Single DAC Output
|
Analog Devices, Inc.
|
AD7111 AD7111A AD7111ABN AD7111ABR AD7111ACN AD711 |
LC2MOS LOGDAC Logarithmic D/A Converter SOCKET, SEALED PANEL 9 WAY PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, CQCC20 LC2MOS LOGDAC Logarithmic D/A Converter PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, PDSO16 ECONOLINE: REC2.2-S_DR/H1 - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection- Internal SMD design- 100% Burned In- Efficiency to 75% LC2MOS LOGDAC对数D / A转换 LC2MOS LOGDAC Logarithmic D/A Converter PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, PDIP16 LC2MOS LOGDAC Logarithmic D/A Converter PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, CDIP16 Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:400V; On-State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:25mA; Current, It av:16A; Gate Trigger Current Max, Igt:25mA RoHS Compliant: Yes Monolithic Multiplying DAC Featuring Wide Dynamic Range
|
Analog Devices, Inc. AD[Analog Devices] ANALOG DEVICES INC
|
ADG406 ADG407 ADG407BN ADG407BCHIPS |
8-/16-Channel High Performance Analog Multiplexers(16通道高性能模拟多路复用 8-/16-Channel高性能模拟多路复用器(16通道高性能模拟多路复用器) LC2MOS 8-/16-Channel High Performance Analog Multiplexers 8-CHANNEL, DIFFERENTIAL MULTIPLEXER, PDIP28 LC2MOS 15 V, 8 Channel, High Performance Analog Multiplexer LC2MOS 15V 16 Channel High Performance Analog Multiplexer LC2MOS ± 15 V, 8 Channel, High Performance Analog Multiplexer
|
Analog Devices, Inc.
|
AD7572TQ12 AD7572KP05 AD7572KP12 AD7572KN12 AD7572 |
RELAY REED MINI SIP SPDT-CO 5V LC2MOS COMPLETE, HIGH SPEED 12-BIT ADC 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PQCC28 LC2MOS COMPLETE, HIGH SPEED 12-BIT ADC 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP24 Analog to Digital Converter 模数转换 MOSFET Diode-OR Controller; Package: MSOP; No of Pins: 10; Temperature Range: 0°C to 70°C 12-Bit, 200kSPS Micro Power Sampling Analog-To-Digital Converter 8-SOIC -40 to 85 Single 1.8V, 13µA Precision Rail-to-Rail Op Amp; Package: DFN; No of Pins: 6; Temperature Range: 0°C to 70°C LC2MOS COMPLETE/ HIGH SPEED 12-BIT ADC LC2MOS COMPLETE HIGH SPEED 12-BIT ADC LC2MOS Complete, High Speed 12-Bit ADC LC<SUP>2</SUP>MOS Complete, High Speed 12-Bit ADC
|
ANALOG DEVICES INC Analog Devices, Inc. AD[Analog Devices]
|
MC33364DR2 MC33364D1R2 MC33364D2R2 MRA4004 MC33072 |
Critical Conduction GreenLine SMPS Controller 1A 400V Standard Recovery Rectifier Single Supply 3V to 44V, Dual Operational Amplifier
|
ON Semiconductor
|
|